Part Number Hot Search : 
MSM51 T88SC P1593DN FSL9130R AD8352 93LC76 R8C10 0860C
Product Description
Full Text Search
 

To Download SRA10100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  creat by art - low power loss, high efficiency - guardring for overvoltage protection - high surge current capability - halogen-free according to iec 61249-2-21 definition molding compound, ul flammability classification rating 94v-0 base p/n with suffix "g" on packing code - halogen-free base p/n with prefix "h" on packing code - aec-q101 qualified terminal: matte tin plated leads, solderable per jesd22-b102 meet jesd 201 class 1a whisker test, with prefix "h" on packing code meet jesd 201 class 2 whisker test v rrm 20 30 40 50 60 90 100 150 v v rms 14 21 28 35 42 63 70 105 v v dc 20 30 40 50 60 90 100 150 v i f(av) a dv/dt v/ s r jc o c/w t j o c t stg o c document number: ds_d1308052 version: j13 maximum reverse current @ rated vr t j =25 t j =100 t j =125 - 55 to +125 - 55 to +150 storage temperature range - 55 to +150 typical thermal resistance 2 operating junction temperature range i r note 1: tp = 2.0 s, 1.0khz note 2: pulse test with pw=300 s, 1% duty cycle 0.55 0.70 0.85 0.95 0.5 0.1 voltage rate of change (rated v r ) 10000 ma 15 10 - v - 5 maximum instantaneous forward voltage (note 2) i f =10a v f peak forward surge current, 8.3 ms single half sine-wave superimposed on rated load i fsm 170 a maximum dc blocking voltage maximum average forward rectified current 10 sra 1090 sra 10100 sra 10150 sra 1040 sra 1050 sra 1060 unit maximum repetitive peak reverse voltage maximum rms voltage mounting torque: 5 in-lbs maximum weight: 1.88 g (approximately) maximum ratings and electrical characteristics (t a =25 unless otherwise noted) parameter symbol sra 1020 sra 1030 to-220ac mechanical data case: to-220ac polarity: as marked sra1020 thru sra10150 taiwan semiconductor schottk y barrier rectifier features - compliant to rohs directive 2011/65/eu and in accordance to weee 2002/96/ec
part no. part no. sra1060 sra1060 sra1060 (ta=25 unless otherwise noted) document number: ds_d1308052 version: j13 example preferred p/n aec-q101 qualified sra1060hc0 h c0 aec-q101 qualified green compound ratings and characteristics curves sra1060 c0 c0 sra1060 c0g c0 g packing code green compound code description note 1: "xx" defines voltage from 20v (sra1020) to 150v (sra10150) sra10xx (note 1) prefix "h" c0 suffix "g" to-220ac 50 / tube sra1020 thru sra10150 taiwan semiconductor ordering information aec-q101 qualified packing code green compound code package packing 0 2 4 6 8 10 12 50 60 70 80 90 100 110 120 130 140 150 average forward a current (a) case temperature ( o c) fig.1 forward current derating curve sra1050-sra10150 sra1020-sra1040 resistive of inductive load with heatsink 0 50 100 150 200 250 300 1 10 100 peak forward surge current (a) number of cycles at 60 hz fig. 2 maximum non-repetitive forward surge current 8.3ms single half sine wave jedec method 0.001 0.01 0.1 1 10 0 20 40 60 80 100 120 140 instantaneous reverse current (ma) percent of rated peak reverse voltage (%) fig. 4 typical reverse characteristics tj=25 tj=75 tj=100 0.1 1 10 100 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 instantaneous forward a current (a) forward voltage (v) fig. 3 typical forward characteristics sra1020-sra1040 sra1050-sra1060 sra1090-SRA10100 pluse width=300 s 1% duty cycle sra10150
min max min max a - 10.50 - 0.413 b 2.62 3.44 0.103 0.135 c 2.80 4.20 0.110 0.165 d 0.68 0.94 0.027 0.037 e 3.54 4.00 0.139 0.157 f 14.60 16.00 0.575 0.630 g 0.00 1.60 0.000 0.063 h 13.19 14.79 0.519 0.582 i 4.95 5.20 0.195 0.205 j 4.42 4.76 0.174 0.187 k 1.14 1.40 0.045 0.055 l 5.84 6.86 0.230 0.270 m 2.20 2.80 0.087 0.110 n 0.35 0.64 0.014 0.025 p/n = marking code g = green compound yww = date code f = factory code document number: ds_d1308052 version: j13 marking diagram sra1020 thru sra10150 taiwan semiconductor package outline dimensions dim. unit (mm) unit (inch) 100 1000 10000 0.1 1 10 100 capacitance (pf) a reverse voltage (v) fig. 5 typical junction capacitance f=1.0mhz vsig=50mvp-p 0.1 1 10 100 0.01 0.1 1 10 100 transient thermal impedance ( /w) t-pulse duration(s) fig. 6 typical transient thermal impedance
creat by art assumes no responsibility or liability for any errors inaccuracies. information contained herein is intended to provide a product description only. no license, express or implied,to any intellectual property rights is granted by this document. except as provided in tsc's terms and conditions of sale for such products, tsc assumes no liability whatsoever, and disclaims any express or implied warranty, relating to sale and/or use of tsc products including liability or warranties relating to fitness for a particular purpose, merchantability, or infringement of any patent, copyright, or other intellectual property right. the products shown herein are not designed for use in medical, life-saving, or life-sustaining applications. customers using or seling these products for use in such applications do so at their own risk and agree to fully indemnify tsc for any damages resulting from such improper use or sale. document number: ds_d1308052 version: j13 sra1020 thru sra10150 taiwan semiconductor notice specifications of the products displayed herein are subject to change without notice. tsc or anyone on its behalf,


▲Up To Search▲   

 
Price & Availability of SRA10100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X